Part Number Hot Search : 
SP489AEP SF2N3445 FRD1215 TA8490F HMC397 W39F010 FQU9N15 HMBT6520
Product Description
Full Text Search
 

To Download MMSZ5260BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
MMSZ5221BS - MMSZ5262BS
Pb
200mW SURFACE MOUNT ZENER DIODE
Features
Planar Die Construction 200mW Power Dissipation 2.4 - 51V Nominal Zener Voltage 5% Standard Vz Tolerance Designed for Surface Mount Application C Plastic Material - UL Recognition Flammability Classification 94V-O E A
SOD-323 Dim Min 2.30 1.75 1.15 0.25 0.05 0.70 0.30 Max 2.70 1.95 1.35 0.35 0.15 0.95 -- A B C D
D B G
Mechanical Data
Case: SOD-323, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.004 grams (approx.) Marking: Device Code, See Page 2 Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E G H
All Dimensions in mm
H
Maximum Ratings
@TA=25C unless otherwise specified
Characteristic Peak Pulse Power Dissipation at TA = 25C (Note 1) Forward Voltage @ IF = 10mA Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range
Symbol Pd VF RJA Tj, TSTG
Value 200 0.9 625 -65 to +150
Unit mW V C/W C
Note: 1. Valid provided that device terminals are kept at ambient temperature.
MMSZ5221BS - MMSZ5262BS
1 of 4
(c) 2006 Won-Top Electronics
Electrical Characteristics
@TA=25C unless otherwise specified
Type Number (Note 1)
Device Marking Code
Zener Voltage Range (Note 2) VZ @ IZT Nom (V) Min (V) 2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 Max (V) 2.52 2.63 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55
Maximum Zener Impedance (Note 3) ZZT @ IZT () 30 30 30 30 28 24 23 22 19 17 11 7.0 5.0 6.0 8.0 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 93 105 125 (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 ZZK @ IZK () 1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Max Reverse Leakage Current IR (A) 100 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @ VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.0 6.5 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30 33 36 39
Typical Temp. Coefficient of Zener Voltage (%/K) -0.075 -0.075 -0.075 -0.075 -0.070 -0.065 -0.060 -0.055 0.030 0.030 +0.038 +0.045 +0.050 +0.058 +0.062 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.083 +0.085 +0.086 +0.087 +0.087 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096
MMSZ5221BS MMSZ5222BS MMSZ5223BS MMSZ5225BS MMSZ5226BS MMSZ5227BS MMSZ5228BS MMSZ5229BS MMSZ5230BS MMSZ5231BS MMSZ5232BS MMSZ5234BS MMSZ5235BS MMSZ5236BS MMSZ5237BS MMSZ5239BS MMSZ5240BS MMSZ5241BS MMSZ5242BS MMSZ5243BS MMSZ5245BS MMSZ5246BS MMSZ5248BS MMSZ5250BS MMSZ5251BS MMSZ5252BS MMSZ5254BS MMSZ5255BS MMSZ5256BS MMSZ5257BS MMSZ5258BS MMSZ5259BS MMSZ5260BS MMSZ5261BS MMSZ5262BS
C1 C2 C3 C5 D1 D2 D3 D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 N1 N2
2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39 43 47 51
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of 5%. 2. Measured with pulses tp = 1ms. 3. f = 1KHz
MMSZ5221BS - MMSZ5262BS
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
0.025 (0.63)
xx
Cathode xx = Polarity Band = Device Code, See Page 2
0.063 (1.60)
0.033 (0.83)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Inspection Hole Direction of Unreeling
4mm 178mm 8mm
4mm 8mm Product ID Label 1.6mm
Reel Diameter (mm) 178
Quantity (PCS) 5,000
Inner Box Size L x W x H (mm) 187 x 187 x 65
Quantity (PCS) 25,000
Carton Size L x W x H (mm) 390 x 240 x 420
Quantity (PCS) 250,000
Approx. Gross Weight (KG) 10.0
Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
MMSZ5221BS - MMSZ5262BS
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
MMSZ52xxBS-T1
1. 2.
Package Type
SOD-323
Shipping Quantity
5000/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, MMSZ5221BS-T1-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
MMSZ5221BS - MMSZ5262BS
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of MMSZ5260BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X